Part Number Hot Search : 
24204 65039 SC502 111X17X RT8011PF ECCM9 LGT672 IRFP240
Product Description
Full Text Search
 

To Download AZ100LVEL11T Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  az10el11 az100el11 ecl/pecl 1:2 differential fanout buffer 1630 s. stapley dr., suite 127 ? mesa, arizona 85204 ? usa ? (480) 962-5881 ? fax (480) 890-2541 www.azmicrotek.com arizona microtek, inc. features ? rohs compliant / lead (pb) free packages available ? 265ps propagation delay ? 5ps skew between outputs ? high bandwidth output transitions ? 75k internal input pulldown resistors ? direct replacement for on semiconductor mc10el11 & mc100el11 description the az10/100el11 is a differential 1:2 fanout gate. the device is functionally similar to the e111 device but with higher performance capabilities. having within-d evice skews and output transition times significantly improved over the e111, the el11 is ideally suited for those applications that require the ultimate in ac performance. the differential inputs of the el11 empl oy clamping circuitry to maintain st ability under open input conditions. if the inputs are left open (pulled to v ee ) the q outputs will go low. note: specifications in the ecl/pecl tables are valid when thermal equilibrium is established. logic diagram and pinout assignment pin description pin function d, d data inputs q0, q0 , q1, q1 data outputs v cc positive supply v ee negative supply 8 5 6 7 4 3 2 1 v cc d v ee q0 q0 q1 q1 d package availability package part number marking notes soic 8 az10el11d azm10 el11 1,2 soic 8 rohs compliant / lead (pb) free az10el11d+ azm10+ el11 1,2 soic 8 az100el11d azm100 el11 1,2 tssop 8 az10el11t azt el11 1,2 tssop 8 AZ100LVEL11T azh el11 1,2 1 add r1 at end of part number for 7 inch (1k parts), r2 for 13 inch (2.5k parts) tape & reel. 2 date code format: ?y? or ?yy? fo r year followed by ?ww? for week on underside of part.
az10el11 az100el11 november 2006 * rev - 4 www.azmicrotek.com 2 absolute maximum ratings are those values beyond which device life may be impaired. symbol characteristic rating unit v cc pecl power supply (v ee = 0v) 0 to +8.0 vdc v i pecl input voltage (v ee = 0v) 0 to +6.0 vdc v ee ecl power supply (v cc = 0v) -8.0 to 0 vdc v i ecl input voltage (v cc = 0v) -6.0 to 0 vdc i out output current --- continuous --- surge 50 100 ma t a operating temperature range -40 to +85 c t stg storage temperature range -65 to +150 c 10k ecl dc characteristics (v ee = -4.75v to -5.5v, v cc = gnd) -40 c 0 c 25 c 85 c symbol characteristic min typ max min typ max min typ max min typ max unit v oh output high voltage 1 -1080 -890 -1020 -840 -980 -810 -910 -720 mv v ol output low voltage 1 -1950 -1650 -1950 -1630 -1950 -1630 -1950 -1595 mv v ih input high voltage -1230 -890 -1170 -840 -1130 -810 -1060 -720 mv v il input low voltage -1950 -1500 -1950 -1480 -1950 -1480 -1950 -1445 mv i ih input high current 150 150 150 150 a i il input low current 0.5 0.5 0.5 0.5 a i ee power supply current 26 31 26 31 26 31 26 31 ma 1. each output is terminated through a 50 resistor to v cc ? 2v. 10k pecl dc characteristics (v ee = gnd, v cc = +5.0v) -40 c 0 c 25 c 85 c symbol characteristic min t yp max min t yp max min t yp max min t yp max unit v oh output high voltage 1,2 3920 4110 3980 4160 4020 4190 4090 4280 mv v ol output low voltage 1,2 3050 3350 3050 3370 3050 3370 3050 3405 mv v ih input high voltage 1 3770 4110 3830 4160 3870 4190 3940 4280 mv v il input low voltage 1 3050 3500 3050 3520 3050 3520 3050 3555 mv i ih input high current 150 150 150 150 a i il input low current 0.5 0.5 0.5 0.5 a i ee power supply current 26 31 26 31 26 31 26 31 ma 1. for supply voltages other that 5.0v, use the ec l table values and add supply voltage value. 2. each output is terminated through a 50 resistor to v cc ? 2v. 100k ecl dc characteristics (v ee = -4.2v to -5.5v, v cc = gnd) -40 c 0 c 25 c 85 c symbol characteristic min typ max min typ max min typ max min typ max unit v oh output high voltage 1 -1085 -1005 -880 -1025 -955 -880 -1025 -955 -880 -1025 -955 -880 mv v ol output low voltage 1 -1830 -1695 -1555 -1810 -1705 -1620 -1810 -1705 -1620 -1810 -1705 -1620 mv v ih input high voltage -1165 -880 -1165 -880 -1165 -880 -1165 -880 mv v il input low voltage -1810 -1475 -1810 -1475 -1810 -1475 -1810 -1475 mv i ih input high current 150 150 150 150 a i il input low current 0.5 0.5 0.5 0.5 a i ee power supply current 26 31 26 31 26 31 30 36 ma 1. each output is terminated through a 50 resistor to v cc ? 2v. 100k pecl dc characteristics (v ee = gnd, v cc = +5.0v) -40 c 0 c 25 c 85 c symbol characteristic min t yp max min t yp max min t yp max min t yp max unit v oh output high voltage 1,2 3915 3995 4120 3975 4045 4120 3975 4045 4120 3975 4045 4120 mv v ol output low voltage 1,2 3170 3305 3445 3190 3295 3380 3190 3295 3380 3190 3295 3380 mv v ih input high voltage 1 3835 4120 3835 4120 3835 4120 3835 4120 mv v il input low voltage 1 3190 3525 3190 3525 3190 3525 3190 3525 mv i ih input high current 150 150 150 150 a i il input low current 0.5 0.5 0.5 0.5 a i ee power supply current 26 31 26 31 26 31 30 36 ma 1. for supply voltages other that 5.0v, use the ec l table values and add supply voltage value. 2. each output is terminated through a 50 resistor to v cc ? 2v.
az10el11 az100el11 november 2006 * rev - 4 www.azmicrotek.com 3 ac characteristics (v ee =10e(-4.75v to -5.5v), 100e(-4.2v to -5.5v); v cc =gnd or v ee =gnd; v cc =10e(+4.75v to +5.5v), 100e(+4.2v to +5.5v)) -40 c 0 c 25 c 85 c symbol characteristic min typ max min typ max min typ max min typ max unit t plh / t phl propagation delay to output 135 260 385 185 260 335 190 265 340 215 290 365 ps t skew within-device skew 1 duty cycle skew 2 5 5 5 5 20 20 5 5 20 20 5 5 20 20 ps v pp (ac) minimum input swing 3 150 150 150 150 mv v cmr common mode range 4 v cc - 2.0 v cc - 0.4 v cc - 2.0 v cc - 0.4 v cc - 2.0 v cc - 0.4 v cc - 2.0 v cc - 0.4 v t r / t f rise/fall time 20 ? 80% 100 350 100 350 100 350 100 350 ps 1. within-device skew defined as identical tr ansitions on similar paths through a device. 2. duty cycle skew is the difference between a t plh and t phl propagation delay through a device. 3. v pp is the minimum peak-to-peak differential input swing for which ac parameters are guaranteed. th e device has a dc voltage gai n of 40. 4. the v cmr range is referenced to the most positive side of the differential input signal. no rmal operation is obtained if the high leve l falls within the specified range and the peak -to-peak voltage lies between v pp (min) and 1v.
az10el11 az100el11 november 2006 * rev - 4 www.azmicrotek.com 4 millimeters inches dim min max min max a 1.75 0.069 a 1 0.10 0.25 0.004 0.010 a 2 1.25 1.45 0.049 0.057 a 3 0.25 0.01 b p 0.36 0.49 0.014 0.019 c 0.19 0.25 0.0075 0.0100 d 4.8 5.0 0.19 0.20 e 3.8 4.0 0.15 0.16 e 1.27 0.050 h e 5.80 6.20 0.228 0.244 l 1.05 0.041 l p 0.40 1.00 0.016 0.039 q 0.60 0.70 0.024 0.028 v 0.25 0.01 w 0.25 0.01 y 0.10 0.004 z 0.30 0.70 0.012 0.028 0 o 8 o 0 o 8 o notes: 1. dimensions d and e do not include mold protrusion. 2. maximum mold protrusion for d is 0.15mm. 3. maximum mold protrusion for e is 0.25mm. package diagram soic 8
az10el11 az100el11 november 2006 * rev - 4 www.azmicrotek.com 5 package diagram tssop 8 millimeters dim min max a 1.10 a 1 0.05 0.15 a 2 0.80 0.95 a 3 0.25 b p 0.25 0.45 c 0.15 0.28 d 2.90 3.10 e 2.90 3.10 e 0.65 h e 4.70 5.10 l 0.94 l p 0.40 0.70 v 0.10 w 0.10 y 0.10 z 0.35 0.70 0 o 6 o notes: 1. dimensions d and e do not include mold protrusion. 2. maximum mold protrusion for d is 0.15mm. 3. maximum mold protrusion for e is 0.25mm.
az10el11 az100el11 november 2006 * rev - 4 www.azmicrotek.com 6 arizona microtek, inc. reserves the right to change circuitry a nd specifications at any time without prior notice. arizona mic rotek, inc. makes no warranty, representation or guarant ee regarding the suitability of its products for any particular purpose, nor does a rizona microtek, inc. assume any liability arising out of the applica tion or use of any product or ci rcuit and specifically disclaims any and all liability, including without limitation special, consequential or inci dental damages. arizona microtek, inc. does not convey a ny license rights nor the rights of others. arizona microtek, inc. products are not designed, intended or authorized for use as component s in systems intended to support or sustain life, or for any other applicati on in which the failure of the arizona microtek, inc. product co uld create a situation where personal injury or death may occur. should buye r purchase or use arizona microtek, inc. products for any such unintended or unauthorized application, buyer shall indemnify a nd hold arizona microtek, inc. a nd its officers, employees, subs idiaries, affiliates, and distributor s harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising ou t of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthori zed use, even if such claim al leges that arizona microtek, inc. was negligent regarding the design or manufacture of the part.


▲Up To Search▲   

 
Price & Availability of AZ100LVEL11T

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X